PART |
Description |
Maker |
3D7010SERIES 3D7010S-80 3D7010S-90 3D7010S-400 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 整体0 - TAP在固定延迟线 MONOLITHIC 10-TAP FIXED DELAY LINE Delay 8 /-1.5 ns, monolithic 10-TAP fixed delay line Delay 9 /-1.7 ns, monolithic 10-TAP fixed delay line Delay 40 /-4 ns, monolithic 10-TAP fixed delay line
|
Interpower, Corp. Data Delay Devices Inc
|
3D7304 3D7304-25 3D7304-100 3D7304-15 3D7304-20 3D |
MONOLITHIC QUADRUPLE FIXED DELAY LINE Delay 25 /-1 ns, monolithic quadruple fixed delay line Delay 100 /-2 ns, monolithic quadruple fixed delay line Delay 10 /-1 ns, monolithic quadruple fixed delay line Delay 15 /-1 ns, monolithic quadruple fixed delay line Delay 20 /-1 ns, monolithic quadruple fixed delay line Delay 200 /-4 ns, monolithic quadruple fixed delay line Delay 30 /-1 ns, monolithic quadruple fixed delay line Delay 300 /-6 ns, monolithic quadruple fixed delay line Delay 40 /-1 ns, monolithic quadruple fixed delay line Delay 400 /-8 ns, monolithic quadruple fixed delay line Delay 50 /-1 ns, monolithic quadruple fixed delay line Delay 500 /-10 ns, monolithic quadruple fixed delay line
|
Data Delay Devices Inc
|
DU66F-16 DU66F-100 DU66F-35 DU66F-30D1 DU66F-30D4 |
Delay Line 延迟 5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F) ACTIVE DELAY LINE, TRUE OUTPUT, DIP8
|
Data Delay Devices, Inc. Omron Electronics, LLC Glenair, Inc. Belden, Inc.
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
MDU3C-100M |
Delay 100 /-5 ns, triple, HCMOS-interfaced fixed delay line
|
Data Delay Devices Inc
|
AMDM-100 AMDM-100G AMDM-100J AMDM-125G AMDM-125J A |
Delay Line 延迟 AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
|
Electronic Theatre Controls, Inc. Rhombus Industries Inc.
|
2211-1500G 2211 2211-1000D 2211-1000G 2211-100A 22 |
Delay 1000 FIXEDDIPDELAYLINE FIXED DIP DELAY LINE TD/TR = 10
|
Data Delay Devices, Inc. ETC
|
CY23FS08OXC CY23FS08OXCT CY23FS08OXIT CY23FS0811 C |
Failsafe 2.5 V/3.3 V Zero Delay Buffer Failsafe™ 2.5V/ 3.3V Zero Delay Buffer 166.7 MHz, OTHER CLOCK GENERATOR, PDSO28 Failsafe?2.5 V/3.3 V Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
W15202 W152 W152-4G W152-1G W152-2G W152-11G W152- |
Spread Aware(TM)-designed to work with SSFTG reference signals Spread Aware™, Eight Output Zero Delay Buffer PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Spread Aware? Eight Output Zero Delay Buffer Spread Aware?? Eight Output Zero Delay Buffer Spread Aware垄芒, Eight Output Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
S473-0010-06 S473-0045-06 |
1 TAP LEADING EDGE CONTROL LOW VOLTAGE DELAY MODULES ACTIVE DELAY LINE, TRUE OUTPUT, PDSO4
|
Bel Fuse, Inc.
|
A459-0010-02 A459-0125-02 |
5 TAP LEADING EDGE CONTROL 10KH ECL DELAY MODULES ACTIVE DELAY LINE, TRUE OUTPUT, PDIP16
|
Bel Fuse, Inc.
|